| Zakładka z wyszukiwarką danych komponentów |
|
24AA014-I/MS Arkusz danych(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA014-I/MS Arkusz danych(HTML) 3 Page - Microchip Technology |
|
3 / 30 page ![]() © 2009 Microchip Technology Inc. DS21809F-page 3 24AA014/24LC014 TABLE 1-2: AC CHARACTERISTICS FIGURE 1-1: BUS TIMING DATA All parameters apply across the specified operating ranges unless otherwise noted. Vcc = 1.8V to 5.5V Industrial (I): TA = -40°C to +85°C Parameter Symbol Vcc = 1.8V - 5.5V STD MODE Vcc = 2.5V - 5.5V FAST MODE Units Remarks Min. Max. Min. Max. Clock frequency FCLK — 100 — 400 kHz Clock high time THIGH 4000 — 600 — ns Clock low time TLOW 4700 — 1300 — ns SDA and SCL rise time TR — 1000 — 300 ns (Note 1) SDA and SCL fall time TF — 300 — 300 ns (Note 1) Start condition hold time THD:STA 4000 — 600 — ns After this period, the first clock pulse is generated Start condition setup time TSU:STA 4700 — 600 — ns Only relevant for repeated Start condition Data input hold time THD:DAT 0— 0 — ns (Note 2) Data input setup time TSU:DAT 250 — 100 — ns Stop condition setup time TSU:STO 4000 — 600 — ns Output valid from clock TAA — 3500 — 900 ns (Note 2) Bus free time TBUF 4700 — 1300 — ns Time the bus must be free before a new transmission can start Output fall time from VIH minimum to VIL maximum TOF — 250 20 +0.1 CB 250 ns (Note 1), CB ≤ 100 pF Input filter spike suppression (SDA and SCL pins) TSP — 50 — 50 ns (Note 3) Write cycle time TWC — 5 — 5 ms Byte or Page mode Endurance 1M — 1M — cycles 25°C, (Note 4) Note 1: Not 100% tested. CB = total capacitance of one bus line in pF. 2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions. 3: The combined TSP and VHYS specifications are due to Schmitt Trigger inputs which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. 4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be downloaded from Microchip’s web site at www.microchip.com. SCL SDA IN TSU:STA SDA OUT THD:STA TLOW THIGH TR TBUF TAA THD:DAT TSU:DAT TSU:STO TSP TF |