| Zakładka z wyszukiwarką danych komponentów |
|
MCP9804-E/MC Arkusz danych(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804-E/MC Arkusz danych(HTML) 20 Page - Microchip Technology |
|
20 / 54 page ![]() MCP9804 DS22203A-page 20 © 2009 Microchip Technology Inc. FIGURE 5-2: Timing Diagram for Writing to the Configuration Register (See Section 4.0. • Writing to the CONFIG Register to Enable the Event Output pin <0000 0000 0000 1000>b. SDA A C K 00 1 1 A 00 0 0 A C K S 2 A 1 A 0 12 3 4 5 6 7 8 1 2 3 4 5 678 SCL 0 Address Byte W MCP9804 MCP9804 MSB Data A C K A C K P 1 2 3 4 5 678 12 3 4 567 8 LSB Data Configuration Pointer MCP9804 MCP9804 00 1 00 0 0 0 00 0 0 0 0 0 1 00 0 Note: this is an example routine: (See Appendix A: “Source Code”) i2c_start(); // send START command i2c_write(AddressByte & 0xFE); //WRITE Command (see Section 4.1.4) //also, make sure bit 0 is cleared ‘0’ i2c_write(0x01); // Write CONFIG Register i2c_write(0x00); // Write data i2c_write(0x08); // Write data i2c_stop(); // send STOP command |