| Zakładka z wyszukiwarką danych komponentów |
|
CT201003PLM Arkusz danych(PDF) 2 Page - American Accurate Components, Inc. |
|
|
|||||||||||||||||||||||||||||
CT201003PLM Arkusz danych(HTML) 2 Page - American Accurate Components, Inc. |
|
2 / 3 page ![]() American Accurate Components, Inc. THIN FILM PRECISION CHIP RESISTORS The content of this specification may change without notification 10/12/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 2 ELECTRICAL CHARACTERISTICS Size Power Rating at 70 ° (W) Resistance Range ±% Tolerance TCR (10-6/ °C) Working Voltage Overload Voltage Operating Temp Range 10.0 ~ 30.0 1 ±100 0201 0.05 33.0 ~ 22.0K 0.5 ±25 15V 30V -55 °C ~ +125°C 10.0 ~ 46.4 0.1, 0.5, 1 ±10, ±25, ±50 47.0 ~ 97.6 0.05, 0.1, 0.25, 0.5, 1 ±10, ±25, ±50 100 ~ 2.94K 0.02, 0.05, 0.1, 0.25, 0.5, 1 ±5, ±10, ±25, ±50 0402 0.031 0.063 3.00K ~ 100K 0.05, 0.1, 0.25, 0.5, 1 ±10, ±25, ±50 50V 100V -55 °C ~ +125°C 10.0 ~ 100K 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 1,2,3,5,10,25,50 -55 °C ~ +125°C -55 °C ~ +155°C 102K ~ 270K 0.05, 0.1, 0.25, 0.5, 1 10, 25, 50 0603 0.063 0.100 274K ~ 360K 0.1, 0.25, 0.5, 1 10, 25, 50 75V 150V -55 °C ~ +125°C 10.0 ~ 200K 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 1, 2, 3, 5, 10, 25, 50 205K ~ 360K 0.05, 0.1, 0.25, 0.5 10, 25, 50 365K ~ 487K 0.05, 0.1, 0.25, 0.5 10, 25 0805 0.100 499K ~ 1.00M 0.1, 0.5 25 100V 200V -55 °C ~ +125°C 5.01 ~ 560K 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 1, 2, 3, 5, 10, 25, 50 1206 0.125 562K ~ 1.00M 0.05, 0.1, 0.25, 0.5 10, 25 150V 300V -55 °C ~ +125°C 100 ~ 330K 0.1 ±5, ±10 51.0 ~ 2.00M 0.1, 0.5 ±25 1210 0.250 10.0 ~ 49.9 0.5 ±50 200V 400V -55 °C ~ +125°C 1217 0.250 5.10 ~ 1.00M 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 ±1, 2, 3, 5, 10, 25 200V 400V -55 °C ~ +155°C 100 ~ 20.0K 0.01, 0.05, 0.1, 0.25, 0.5 ±5 50.0 ~ 40.0K 0.01, 0.05, 0.1, 0.25, 0.5 ±10 10.0 ~500K 0.01, 0.05 4.70 -1.00M 0.1, 0.25, 0.5, 1 ±25 10.0 ~500K 0.01, 0.05 2010 0.250 1.00 ~ 1.00M 0.1, 0.25, 0.5, 1 ±50 150V 300V -55 °C ~ +125°C 2020 0.500 5.10 ~ 2.00M 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 ±1, 2, 3, 5, 10, 25 350V 700V -55 °C ~ +155°C 2045 1.000 20.0 ~ 4.99M 0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1 ±1, 2, 3, 5, 10, 25 500V 1000V -55 °C ~ +155°C 100 ~ 20.0K 0.01, 0.05, 0.1, 0.25, 0.5 ±5 50.0 ~ 40.0K 0.01, 0.05, 0.1, 0.25, 0.5 ±10 10.0R ~ 500K 0.01, 0.05 4.70 -1.00M 0.1, 0.25, 0.5, 1 ±25 10.0R ~ 500K 0.01, 0.05 2512 0.500 1.00 1.00M 0.1, 0.25, 0.5, 1 ±50 150V 300V -55 °C ~ +125°C * Rated Voltage: √PxR ** 0.01% may be available under special request |