| Zakładka z wyszukiwarką danych komponentów |
|
PIC18F44J10-I/SSSQTP Arkusz danych(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-I/SSSQTP Arkusz danych(HTML) 3 Page - Microchip Technology |
|
3 / 368 page ![]() © 2009 Microchip Technology Inc. DS39682E-page 1 PIC18F45J10 FAMILY Special Microcontroller Features: • Operating Voltage Range: 2.0V to 3.6V • 5.5V Tolerant Input (digital pins only) • On-Chip 2.5V Regulator • 4x Phase Lock Loop (PLL) available for Crystal and Internal Oscillators • Self-Programmable under Software Control • Low-Power, High-Speed CMOS Flash Technology • C Compiler Optimized Architecture: - Optional extended instruction set designed to optimize re-entrant code • Priority Levels for Interrupts • 8 x 8 Single-Cycle Hardware Multiplier • Extended Watchdog Timer (WDT): - Programmable period from 4 ms to 131s • Single-Supply In-Circuit Serial Programming™ (ICSP™) via Two Pins • In-Circuit Debug (ICD) with Three Breakpoints via Two Pins • Power-Managed modes with Clock Switching: - Run: CPU on, peripherals on - Idle: CPU off, peripherals on - Sleep: CPU off, peripherals off Flexible Oscillator Structure: • Two Crystal modes, up to 40 MHz • Two External Clock modes, up to 40 MHz • Internal 31 kHz Oscillator • Secondary Oscillator using Timer1 @ 32 kHz • Two-Speed Oscillator Start-up • Fail-Safe Clock Monitor: - Allows for safe shutdown if peripheral clock stops Peripheral Highlights: • High-Current Sink/Source 25 mA/25 mA (PORTB and PORTC) • Three Programmable External Interrupts • Four Input Change Interrupts • One Capture/Compare/PWM (CCP) module • One Enhanced Capture/Compare/PWM (ECCP) module: - One, two or four PWM outputs - Selectable polarity - Programmable dead time - Auto-shutdown and auto-restart • Two Master Synchronous Serial Port (MSSP) modules supporting 3-Wire SPI (all 4 modes) and I2C™ Master and Slave modes • One Enhanced Addressable USART module: - Supports RS-485, RS-232 and LIN/J2602 - Auto-wake-up on Start bit - Auto-Baud Detect (ABD) • 10-Bit, up to 13-Channel Analog-to-Digital Converter module (A/D): - Auto-acquisition capability - Conversion available during Sleep - Self-calibration feature • Dual Analog Comparators with Input Multiplexing Device Program Memory SRAM Data Memory (bytes) I/O 10-Bit A/D (ch) CCP/ ECCP (PWM) MSSP Flash (bytes) # Single-Word Instructions SPI Master I2C™ PIC18F24J10 16K 8192 1024 21 10 2/0 1 Y Y 1 2 1/2 PIC18F25J10 32K 16384 1024 21 10 2/0 1 Y Y 1 2 1/2 PIC18F44J10 16K 8192 1024 32 13 1/1 2 Y Y 1 2 1/2 PIC18F45J10 32K 16384 1024 32 13 1/1 2 Y Y 1 2 1/2 28/40/44-Pin High-Performance, RISC Microcontrollers |