Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HB52E648EN-A6B Arkusz danych(PDF) 6 Page - Elpida Memory

Numer części HB52E648EN-A6B
Szczegółowy opis  512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52E648EN-A6B Arkusz danych(HTML) 6 Page - Elpida Memory

Back Button HB52E648EN-A6B Datasheet HTML 2Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 3Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 4Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 5Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 6Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 7Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 8Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 9Page - Elpida Memory HB52E648EN-A6B Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HB52E648EN/HB52E649EN-A6B/B6B
Preliminary Data Sheet E0013H10
6
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
34
A2
76
DQ30
118
A3
160
DQ62
35
A4
77
DQ31
119
A5
161
DQ63
36
A6
78
V
SS
120
A7
162
V
SS
37
A8
79
CK2
121
A9
163
CK3
38
A10 (AP)
80
NC
122
BA0
164
NC
39
BA1
81
WP
123
A11
165
SA0
40
V
CC
82
SDA
124
V
CC
166
SA1
41
V
CC
83
SCL
125
CK1
167
SA2
42
CK0
84
V
CC
126
A12
168
V
CC
Notes: 1. CKE1: HB52E649EN
2.
S3: HB52E649EN
3.
S1: HB52E649EN
Pin Description (HB52E648EN)
Pin name
Function
A0 to A12
Address input
 Row address
A0 to A12
 Column address
A0 to A9
BA0/BA1
Bank select address
DQ0 to DQ63
Data input/output
S0 to S3
Chip select input
RE
Row enable (RAS) input
CE
Column enable (CAS) input
W
Write enable input
DQMB0 to DQMB7
Byte data mask
CK0 to CK3
Clock input
CKE0, CKE1
Clock enable input
WP
Write protect for serial PD
SDA
Data input/output for serial PD
SCL
Clock input for serial PD
SA0 to SA2
Serial address input
V
CC
Primary positive power supply
V
SS
Ground
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com