Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8796 Arkusz danych(PDF) 29 Page - Active-Semi, Inc

Numer części ACT8796
Szczegółowy opis  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Arkusz danych(HTML) 29 Page - Active-Semi, Inc

Back Button ACT8796_08 Datasheet HTML 25Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 26Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 27Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 28Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 29Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 30Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 31Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 32Page - Active-Semi, Inc ACT8796_08 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8796
Rev1, 10-Oct-08
Innovative Power
TM
- 29 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS CONT’D
Table 13:
REG56/VSETx[ ] Output Voltage Setting
REG56CFG/VSETx[2:0]
REG56CFG/VSETx[4:3]
00
01
10
11
000
1.4
2.15
2.55
3.0
001
1.5
2.20
2.60
3.1
010
1.6
2.25
2.65
3.2
011
1.7
2.30
2.70
3.3
100
1.8
2.35
2.75
3.4
101
1.9
2.40
2.80
3.5
110
2.0
2.45
2.85
3.6
111
2.1
2.50
2.90
3.7
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
43h
DIS4
[2]
R/W
REG4 Discharge Enable
0
Discharge Disable
1
Discharge Enable
43h
DIS5
[3]
R/W
0
Discharge Disable
1
Discharge Enable
43h
DIS6
[4]
R/W
REG6 Discharge Enable
0
Discharge Disable
1
Discharge Enable
43h
OK4
[5]
R
REG4 Power-OK
0
Output is not OK
1
Output is OK
43h
OK5
[6]
R
REG5 Power-OK
0
Output is not OK
1
Output is OK
43h
OK6
[7]
R
REG6 Power-OK
0
Output is not OK
1
Output is OK
REG5 Discharge Enable
Table 12:
Control Register Bit Descriptions (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com