| Zakładka z wyszukiwarką danych komponentów |
|
ACT5830 Arkusz danych(PDF) 22 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5830 Arkusz danych(HTML) 22 Page - Active-Semi, Inc |
|
22 / 41 page ![]() LOW-DROPOUT LINEAR REGULATORS ACT5830 Rev PrB, 05-Mar-08 Innovative Power TM - 22 - www.active-semi.com Copyright © 2008 Active-Semi, Inc. ActivePMU TM is a trademark of Active-Semi. I 2CTM is a trademark of Philips Electronics. LDOx/VSETx[2:0] 00 01 10 11 000 1.4 2.15 2.55 3.0 001 1.5 2.20 2.60 3.1 010 1.6 2.25 2.65 3.2 011 1.7 2.30 2.70 3.3 100 1.8 2.35 2.75 3.4 101 1.9 2.40 2.80 3.5 110 2.0 2.45 2.85 3.6 111 2.1 2.50 2.90 3.7 LDOx/VSETx[4:3] Table 7: LDO1234568/VSET[ ] Output Voltage Settings Table 8: LDO7/VSET[ ] Output Voltage Settings REGISTER DESCRIPTIONS CONT’D LDO7/VSET [3:0] LDO7/VSET[5:4] LDO7/VRANGE[ ] = [0] LDO7/VRANGE[ ] = [1] 00 01 10 11 00 01 10 11 0000 0.645 1.050 1.455 1.860 1.250 2.050 2.850 3.650 0001 0.670 1.075 1.480 1.890 1.300 2.100 2.900 3.700 0010 0.695 1.100 1.505 1.915 1.350 2.150 2.950 N/A 0011 0.720 1.125 1.530 1.940 1.400 2.200 3.000 N/A 0100 0.745 1.150 1.555 1.965 1.450 2.250 3.050 N/A 0101 0.770 1.175 1.585 1.990 1.500 2.300 3.100 N/A 0110 0.795 1.200 1.610 2.015 1.550 2.350 3.150 N/A 0111 0.820 1.225 1.635 2.040 1.600 2.400 3.200 N/A 1000 0.845 1.255 1.660 2.065 1.650 2.450 3.250 N/A 1001 0.870 1.280 1.685 2.090 1.700 2.500 3.300 N/A 1010 0.895 1.305 1.710 2.115 1.750 2.550 3.350 N/A 1011 0.920 1.330 1.735 2.140 1.800 2.600 3.400 N/A 1100 0.950 1.355 1.760 2.165 1.850 2.650 3.450 N/A 1101 0.975 1.380 1.785 2.190 1.900 2.700 3.500 N/A 1110 1.000 1.405 1.810 2.200 1.950 2.750 3.550 N/A 1111 1.025 1.430 1.835 2.245 2.000 2.800 3.600 N/A (N/A): Not Available |