Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N6788L Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N6788L
Szczegółowy opis  N-Channel MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6788L Arkusz danych(HTML) 1 Page - Seme LAB

  2N6788L Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N6788L
N-Channel MOSFET.
V
DSS = 100V
I
D = 4.5A
R
DS(ON) = 0.3Ω
All Semelab hermetically sealed products can be
processed in accordance with the requirements
of BS, CECC and JAN, JANTX, JANTXV and
JANS specifications.
Parameter
Min.
Typ.
Max.
Units
V
DSS
Drain – Source Breakdown Voltage
100
V
I
D
Continuous Drain Current
4.5
A
P
D
Power Dissipation
20
W
R
DS(ON)
Static Drain – Source On–State Resistance
0.3
C
ISS
Input Capacitance
350
pF
Q
g
Total Gate Charge
17
nC
t
td(on)
Turn–On Delay Time
40
ns
t
tr
Rise Time
70
ns
t
td(off)
Turn–Off Delay Time
40
ns
t
f
Fall Time
70
ns
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
11-Oct-02
TO39 (TO205AF)
PINOUTS
1 – Source
2 – Gate
3 - Drain
N-Channel MOSFET
in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3


Podobny numer części - 2N6788L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N6788LCC4 SEME-LAB-2N6788LCC4 Datasheet
31Kb / 2P
N-CHANNEL POWER MOSFET ENHANCEMENT MODE
More results

Podobny opis - 2N6788L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com