| Zakładka z wyszukiwarką danych komponentów |
|
PCA85133 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA85133 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
|
2 / 44 page ![]() PCA85133_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 23 October 2009 2 of 44 NXP Semiconductors PCA85133 Universal LCD driver for low multiplex rates I Manufactured using silicon gate CMOS process 3. Ordering information [1] Bump hardness see Table 20. 4. Marking Table 1. Ordering information Type number Package Name Description Delivery form[1] Version PCA85133U/2DA/Q1 PCA85133 bare die; 110 bumps; 4.16 × 1.07 × 0.40 mm chip with hard bumps in tray PCA85133 PCA85133U/2DB/Q1 PCA85133 bare die; 110 bumps; 4.16 × 1.07 × 0.40 mm chip with soft bumps in tray PCA85133 Table 2. Marking codes Type number Marking code PCA85133U/2DA/Q1 PC85133-1 PCA85133U/2DB/Q1 PC85133-1 |