| Zakładka z wyszukiwarką danych komponentów |
|
MPX5010GP Arkusz danych(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5010GP Arkusz danych(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 23 page ![]() MPX5010 Sensors Freescale Semiconductor 9 Pressure PACKAGE DIMENSIONS CASE 482B-03 ISSUE B SMALL OUTLINE PACKAGE CASE 482C-03 ISSUE B SMALL OUTLINE PACKAGE MILLIMETERS INCHES 0.100 BSC 2.54 BSC DIM A B C D G J K M N S MIN 0.415 0.415 0.210 0.026 0.009 0.100 0˚ 0.405 0.540 MAX 0.425 0.425 0.220 0.034 0.011 0.120 15˚ 0.415 0.560 MIN 10.54 10.54 5.33 0.66 0.23 2.54 0˚ 10.29 13.72 MAX 10.79 10.79 5.59 0.864 0.28 3.05 15˚ 10.54 14.22 PIN 1 IDENTIFIER K SEATING PLANE -T- DETAIL X S G 4 5 8 1 -A- -B- C M J N D 8 PL S B M 0.25 (0.010) A S T DETAIL X NOTES: 1. 2. 3. 4. 5. 6. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. MAXIMUM MOLD PROTRUSION 0.15 (0.006). ALL VERTICAL SURFACES 5˚ TYPICAL DRAFT. DIMENSION S TO CENTER OF LEAD WHEN FORMED PARALLEL. DIM MIN MAX MIN MAX MILLIMETERS INCHES A 10.54 0.425 0.415 10.79 B 10.54 0.425 0.415 10.79 C 12.70 0.520 0.500 13.21 D 0.66 0.034 0.026 0.864 G 0.100 BSC 2.54 BSC J 0.009 0.011 0.23 0.28 K 0.100 0.120 2.54 3.05 M 0 15 0 15 N 0.444 0.448 11.28 11.38 S 0.540 0.560 13.72 14.22 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006). 5. ALL VERTICAL SURFACES 5 _ TYPICAL DRAFT. 6. DIMENSION S TO CENTER OF LEAD WHEN FORMED PARALLEL. __ _ _ PIN 1 K SEATING PLANE –T– S G 4 5 8 1 –A– –B– C N V W M J V 0.245 0.255 6.22 6.48 W 0.115 0.125 2.92 3.17 IDENTIFIER D 8 PL S B M 0.25 (0.010) A S T DETAIL X DETAIL X |