Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPXA6400AP Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MPXA6400AP
Szczegółowy opis  High Temperature Accuracy Integrated Silicon Pressure Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXA6400AP Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXA6400AP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXA6400AP Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MPXH6400A
Sensors
6
Freescale Semiconductor
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
The two sides of the pressure sensor are designated as
the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel,
which protects the die from harsh media. The MPX pressure
sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table:
SURFACE MOUNTING INFORMATION
Minimum Recommended Footprint for Small Outline Package
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct
footprint, the packages will self align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and
shorting between solder pads.
Figure 4. SOP Footprint (Case 1369)
Minimum Recommended Footprint for Super Small Outline Package
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor package must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self-align when subjected to a
solder reflow process. It is always recommended to fabricate
boards with a solder mask layer to avoid bridging and/or
shorting between solder pads, especially on tight tolerances
and/or tight layouts.
Figure 5. SSOP Footprint (Case 1317A)
Part Number
Case Type
Pressure (P1) Side Identifier
MPXH6400AC6U
1317A
Side with Port Attached
MPXH6400AC6T1
1317A
Side with Port Attached
MPXHZ6400AC6T1
1317A
Side with Port Attached
MPXA6400AP
1369
Side with Port Attached
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
inch
mm
SCALE 2:1
0.027 TYP 8X
0.69
0.053 TYP 8X
1.35
inch
mm
0.387
9.83
0.150
3.81
0.050
1.27
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11