| Zakładka z wyszukiwarką danych komponentów |
|
MPC8379ECVRALGA Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8379ECVRALGA Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 114 page ![]() MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 8 Freescale Semiconductor Electrical Characteristics 2.1.2 Power Supply Voltage Specification Table 3 provides the recommended operating conditions for the device. Note that the values in Table 3 are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed. Table 3. Recommended Operating Conditions Characteristic Symbol Recommended Value Unit Notes Core supply voltage up to 667 MHz VDD 1.0 ± 50 mV V 1 800 MHz 1.05 ± 50 mV V 1 PLL supply voltage (e300 core, system, and eLBC) up to 667 MHz AVDD 1.0 ± 50 mV V 1 800 MHz 1.05 ± 50 mV V 1 DDR1 and DDR2 DRAM I/O voltage GVDD 2.5 V ± 125 mV 1.8 V ± 90 mV V1 Three-speed Ethernet I/O, MII management voltage LVDD[1,2] 3.3 V ± 165 mV 2.5 V ± 125 mV V— PCI, local bus, DUART, system control and power management, I2C, and JTAG I/O voltage OVDD 3.3 V ± 165 mV V 1 Local Bus LBVDD 1.8 V ± 90 mV 2.5 V ± 125 mV 3.3 V ± 165 mV V— SerDes up to 667 MHz L[1,2]_ nVDD 1.0 ± 50 mV V 1, 2 800 MHz 1.05 V ± 50 mV V 1, 2 Operating temperature range commerical Ta Tj Ta=0 (min)— Tj=125 (max) °C— extended temperature Ta Tj Ta=–40 (min)— Tj=125 (max) °C— Notes: 1 GV DD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative direction. 2 L[1,2]_nV DD, SDAVDD_0, XCOREVDD, and XPADVDD power inputs. |