| Zakładka z wyszukiwarką danych komponentów |
|
MPC8378ECVRAGDA Arkusz danych(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRAGDA Arkusz danych(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 48 Freescale Semiconductor Enhanced Secure Digital Host Controller (eSDHC) Figure 29. Local Bus Signals, GPCM/UPM Signals for LCCR[CLKDIV] = 4 (PLL Bypass Mode) 11 Enhanced Secure Digital Host Controller (eSDHC) This section describes the DC and AC electrical specifications for the eSDHC (SD/MMC) interface of the MPC8378E. The eSDHC controller always uses the falling edge of the SD_CLK in order to drive the SD_DAT[0:3]/CMD as outputs and sample the SD_DAT[0:3] as inputs. This behavior is true for both full- and high-speed modes. Note that this is a non-standard implementation, as the SD card specification assumes that in high-speed mode, that data will be driven at the rising edge of the clock. LCLK UPM Mode Input Signal: LUPWAIT tLBIXKH tLBIVKH tLBIVKH tLBIXKH T1 T3 GPCM Mode Output Signals: LCS[0:7]/LWE[0:3] tLBKHOV tLBKHOZ T2 T4 Input Signals: LAD[0:31] UPM Mode Output Signals: LCS[0:7]/LBS[0:1]/LGPL[0:5] tLBKHOV Output (Data) Signals: LAD[0:31]/LDP[0:3] Output (Address) Signal: LAD[0:31] tLBKHOZ tLBKHOZ tLBKHOV tLBKHOV |