| Zakładka z wyszukiwarką danych komponentów |
|
MPC8378ECVRAGDA Arkusz danych(PDF) 107 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRAGDA Arkusz danych(HTML) 107 Page - Freescale Semiconductor, Inc |
|
107 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 107 Clocking As shown in Figure 67, the primary clock input (frequency) is multiplied up by the system phase-locked loop (PLL) and the clock unit to create the coherent system bus clock (csb_clk), the internal clock for the DDR controller (ddr_clk), and the internal clock for the local bus interface unit (lbiu_clk). The csb_clk frequency is derived from a complex set of factors that can be simplified into the following equation: csb_clk = {PCI_SYNC_IN × (1 + CFG_CLKIN_DIV)} × SPMF In PCI host mode, PCI_SYNC_IN × (1 + CFG_CLKIN_DIV) is the CLKIN frequency. The csb_clk serves as the clock input to the e300 core. A second PLL inside the e300 core multiplies up the csb_clk frequency to create the internal clock for the e300 core (core_clk). The system and core PLL multipliers are selected by the SPMF and COREPLL fields in the reset configuration word low (RCWL) which is loaded at power-on reset or by one of the hard-coded reset options. See Chapter 4, “Reset, Clocking, and Initialization,” in the MPC8379E Reference Manual for more information on the clock subsystem. The internal ddr_clk frequency is determined by the following equation: ddr_clk = csb_clk × (1 + RCWL[DDRCM]) Note that ddr_clk is not the external memory bus frequency; ddr_clk passes through the DDR clock divider ( ÷2) to create the differential DDR memory bus clock outputs (MCK and MCK). However, the data rate is the same frequency as ddr_clk. The internal lbiu_clk frequency is determined by the following equation: lbiu_clk = csb_clk × (1 + RCWL[LBCM]) Note that lbiu_clk is not the external local bus frequency; lbiu_clk passes through the LBIU clock divider to create the external local bus clock outputs (LCLK[0:2]). The eLBC clock divider ratio is controlled by LCCR[CLKDIV]. Some of the internal units may be required to be shut off or operate at lower frequency than the csb_clk frequency. Those units have a default clock ratio that can be configured by a memory mapped register after the device comes out of reset. Table 68 specifies which units have a configurable clock frequency. Table 68. Configurable Clock Units Unit Default Frequency Options eTSEC1, eTSEC2 csb_clk/3 Off, csb_clk, csb_clk/2, csb_clk/3 eSDHC and I2C1 1 1 This only applies to I2C1 (I2C2 clock is not configurable). csb_clk/3 Off, csb_clk, csb_clk/2, csb_clk/3 Security block csb_clk/3 Off, csb_clk, csb_clk/2, csb_clk/3 USB DR csb_clk/3 Off, csb_clk, csb_clk/2, csb_clk/3 PCI and DMA complex csb_clk Off, csb_clk PCI Express1, 2 csb_clk/3 Off, c sb_clk, csb_clk/2, csb_clk/3 |