| Zakładka z wyszukiwarką danych komponentów |
|
MPC8378ECVRAGDA Arkusz danych(PDF) 116 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378ECVRAGDA Arkusz danych(HTML) 116 Page - Freescale Semiconductor, Inc |
|
116 / 126 page ![]() MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 116 Freescale Semiconductor Thermal approach. The thermal resistance is expressed as the sum of a junction to case thermal resistance and a case-to-ambient thermal resistance: RθJA = RθJC + RθCA where: RθJA = junction to ambient thermal resistance (°C/W) RθJC = junction to case thermal resistance (°C/W) RθCA = case to ambient thermal resistance (°C/W) RθJC is device-related and cannot be influenced by the user. The user controls the thermal environment to change the case to ambient thermal resistance, RθCA. For instance, the user can change the size of the heat sink, the air flow around the device, the interface material, the mounting arrangement on printed circuit board, or change the thermal dissipation on the printed circuit board surrounding the device. This first-cut approach overestimates the heat sink size required, since heat flow through the board is not accounted for, which can be as much as one-third to one-half of the power generated in the package. Accurate thermal design requires thermal modeling of the application environment using computational fluid dynamics software which can model both the conduction cooling through the package and board and the convection cooling due to the air moving through the application. Simplified thermal models of the packages can be assembled using the junction-to-case and junction-to-board thermal resistances listed in the thermal resistance table. More detailed thermal models can be made available on request. The thermal performance of devices with heat sinks has been simulated with a few commercially available heat sinks. The heat sink choice is determined by the application environment (temperature, air flow, adjacent component power dissipation) and the physical space available. Because of the wide variety of application environments, a single standard heat sink applicable to all cannot be specified. |