Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM280-M Arkusz danych(PDF) 1 Page - PACELEADER INDUSTRIAL

Numer części FM280-M
Szczegółowy opis  SILICON EPITAXIAL PLANCE TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PACELEADER [PACELEADER INDUSTRIAL]
Strona internetowa  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FM280-M Arkusz danych(HTML) 1 Page - PACELEADER INDUSTRIAL

  FM280-M Datasheet HTML 1Page - PACELEADER INDUSTRIAL FM280-M Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
FM220-M thru FM2100-M
FEATURES
MECHANICAL DATA
UNITS
SYMBOL
IO
IR
IFSM
CJ
RJA
TSTG
Min.
Typ.
Max.
PARAMETER
CONDITIONS
Forward rectified current
8.3ms Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
Forward surge current
Reverse current
0
VR=VRRM TA=25 C
0
VR=VRRM TA=100 C
Thermal resistance
Junction to ambient
Diode junction capacitance
Storage temperature
F=1MHz and applied 4vDC reverse voltage
-55
85
160
2.0
50
0.5
10
+150
mA
mA
A
A
0C / W
pF
0C
SYMBOLS
MARKING CODE
Operating Temperature
0
(C)
0.5
0.7
0.85
-55 to + 150
-55 to + 125
SILICON EPITAXIAL PLANCE TYPE
SILICON EPITAXIAL PLANCE TYPE
20
30
40
50
60
80
100
14
21
28
35
42
56
70
20
30
40
50
60
80
100
*1 Repetitive peak reverse peak reverse
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Plastic package has Underwriters Laboratory
Flammability classification 94V-0 Utilizing Fame
Retardant Epoxy Molding Compound
For surface mount applications
Exceeds environmental standards of MIL-S-19500/228
Low leakage current.
Case Molded plastic, SOD-123/MINI-SMA
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Indicated by cathode band
Mounting Position Any
Weight 0.04grams
FM220-M
FM230-M
FM240-M
FM250-M
FM260-M
FM280-M
FM2100-M
22
23
24
25
26
28
20
*1
VRRM
(V)
*2
VRMS
(V)
*3
VR
(V)
*4
VF
(V)
See Fig.1
SOD-123
0.154(3.9)
0.138(3.5)
0.012(0.3) Typ .
0.071(1.8)
0.055(1.4)
0.126(3.2)
0.110(2.8 )
0.067(1.7)
0.051(1.3)
0.035(0.9) Typ .
0.035(0.9) Typ .
Dimensions in inches and (millimeters)
www.paceleader.tw


Podobny numer części - FM280-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FM280-M FORMOSA-FM280-M Datasheet
69Kb / 2P
Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM280-M WINNERJOIN-FM280-M Datasheet
96Kb / 2P
Chip Schottky Barrier Diodes
logo
Formosa MS
FM280-MH FORMOSA-FM280-MH Datasheet
79Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM280-MHT FORMOSA-FM280-MHT Datasheet
60Kb / 7P
Chip Schottky Barrier Rectifier
FM280-MS FORMOSA-FM280-MS Datasheet
59Kb / 7P
SMD Schottky Barrier Rectifier
More results

Podobny opis - FM280-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
logo
PACELEADER INDUSTRIAL
FM820-T1 PACELEADER-FM820-T1 Datasheet
257Kb / 2P
SILICON EPITAXIAL PLANCE TYPE
FM120-M PACELEADER-FM120-M Datasheet
130Kb / 2P
SILICON EPITAXIAL PLANCE TYPE
FM1020-T1 PACELEADER-FM1020-T1 Datasheet
256Kb / 2P
SILICON EPITAXIAL PLANCE TYPE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com