| Zakładka z wyszukiwarką danych komponentów |
|
SB1640FCT Arkusz danych(PDF) 2 Page - PACELEADER INDUSTRIAL |
|
|
|||||||||||||||||||||||||||||
SB1640FCT Arkusz danych(HTML) 2 Page - PACELEADER INDUSTRIAL |
|
2 / 2 page ![]() 2 RATINGS AND CHARACTERISTIC CURVES SB1620FCT THRU SB16150FCT SB1620FCT thru SB16150FCT SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER Fig.1-FO RWAR DCURREN TDER ATING CURVE Fig.2-TYPICA L INS TANTANEOUSFO RWAR D CHRACTERISTICS Fig.4-MAXIMU MNON -REPETITIV ESURG E CURRENT Fig.3-TYPICA LREVERS ECHARACTERISTI C CASETEMPER ATURE , C O 0 50 100 150 20.0 16. 0 12. 0 8.0 4.0 0 INSTAN TANEOUSFO RWAR DVO LTAG E,VO LTS .3 .4 .5 .6 .7 .8 0.9 1.0 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 T = 25 C Pulse Wid t h = 300 s 1% DutyCy cle J O m 80,150V 20,30,40V 50,60V NO. OFCYCL E AT 60HZ 240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100 8.3msSingl e HalfSince- Wave JEDECMetho d PERCENT OF INSTAN TANEOUS REVERSE VOLTAGE,(%) 10 1.0 0.1 0.01 0.00 1 20 4 0 60 80 100 120 140 T=2 5 C J O T =75 C J O T =10 0 C J O Fig.1-FO RWAR DCURREN TDER ATIN GCU RVE Fig.1 - FORW ARDCURREN TDERATINGCURVE Fig.1- FORWARD CURRENT DERATING CURVE Fig.2-TYPICA LINS TANTANEOUSFO RWAR D CHRACTERISTICS Fig.2- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTIC Fig.3- TYPICAL REVERSE CHARACTERISTIC Fig.4-MAXIMU MNON -REPETITIV ESURG E CURRENT Fig.2 - MAXIMU MNO N - REPETITIV ESURG ECURRENT Fig.4- TMAXIMUM NON - REPETITIVE SURGE CURRENT www.paceleader.tw |