Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAS6012AA2ST206 Arkusz danych(PDF) 4 Page - Micro Analog systems

Numer części MAS6012AA2ST206
Szczegółowy opis  Stepper Motor Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAS [Micro Analog systems]
Strona internetowa  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6012AA2ST206 Arkusz danych(HTML) 4 Page - Micro Analog systems

  MAS6012AA2ST206 Datasheet HTML 1Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 2Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 3Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 4Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 5Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 6Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 7Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 8Page - Micro Analog systems MAS6012AA2ST206 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA6012.000
30 June 2008
4 (9)
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VIN
-0.3
5.8
V
Voltage Range for All Pins
-0.3
VIN + 0.3
V
ESD Rating
Human Body model (HBM)
±2
kV
Junction Temperature
TJmax
+175
(limited)
°C
Storage Temperature
TS
-50
+125
°C
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VDD
4.5
5.0
5.5
V
Operating Ambient
Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS
N Load Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Coil resistance
RCOIL
TA = 25°C
190
290
340
Ohm
Phase inductance
LCOIL
TA = 25°C
0.4
H
N Current Parameters
TA = -40°C to +85°C, typical values at TA = +25°C, RCOIL = 290 Ω, VDD = 5.0 V, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent current
ICC
All inputs at VDD or
VSS, no load
300
µ
A
Typical supply current
consumption
IC
One motor
Two motors
Three motors
Four motors
18
36
53
71
mA
Output drive capability
IOUT
For each output pin,
RCOIL = 190 Ω
29
mA



Html Pages

1 2 3 4 5 6 7 8 9