| Zakładka z wyszukiwarką danych komponentów |
|
MAS6501 Arkusz danych(PDF) 8 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6501 Arkusz danych(HTML) 8 Page - Micro Analog systems |
|
8 / 16 page ![]() DA6501.001 27 October 2008 8 (16) I 2C SERIAL INTERFACE CONTROL... Conversion Result – Read Sequence Table 5 presents general control sequence for single register data read. Table 5. MAS6501 I2C bus single register (address Ax) read sequence bits S AW A Ax A S AR A Dx N P Table 6 presents control sequence for reading the 16-bit A/D conversion result from both MSB and LSB data registers. LSB register data (DL) can be read right after MSB register data (DM) read since in case the read sequence is continued (not ended to stop condition P) the register address is automatically incremented to point to next register address (in this case to point to the LSB data register). Table 6. MAS6501 I2C bus MSB (first) and LSB (second) A/D conversion result read sequence S AW A AM A S AR A DM N DL N P Accuracy Improvement – Averaging Averaging technique can be used to remove conversion error caused by noise and thus improve measurement accuracy. By accomplishing several A/D conversions and taking average of the samples it is possible to average out noise. Theoretically noise is reduced by factor N where N is number of averaged samples. A/D converter nonlinearities cannot be removed by averaging. |