| Zakładka z wyszukiwarką danych komponentów |
|
MVIP302548AC Arkusz danych(PDF) 1 Page - MMD Components |
|
|
|||||||||||||||||||||||||||||
MVIP302548AC Arkusz danych(HTML) 1 Page - MMD Components |
|
|
1 / 1 page ![]() MVIP, MVIL, and MVIV Series MIL-STD-883 Level B Screening Available Available to -55°C to + 125°C Operating RoHS Compliant Less than 1 pSec Jitter ELECTRICAL SPECIFICATIONS: LVDS LVPECL PECL Frequency Range 70.000MHz to 800.000MHZ Frequency Stability* (See Part Number Guide for Options) Operating Temp.Range (See Part Number Guide for Options) Storage Temp. Range -55°C to +125°C Aging ±5 ppm / yr max Logic “0” 1.43V typ Vdd – 1.620 VDC max Vdd – 1.620 VDC max Logic “1” 1.10V typ Vdd- 1.025 vdc min Vdd- 1.025 vdc min +2.5VDC ± 5% 50 mA max 50 mA max N/A +3.3VDC ± 5% 60 mA max 60 mA max N/A Supply Voltage (Vdd) Supply Current +5.0VDC ± 5% N/A N/A 140 mA max Symmetry (50% of waveform) (See Part Number Guide for Options) Rise / Fall Time (20% to 80%) 2nSec max Load 50 Ohms into Vdd-2.00 VDC Start Time 10mSec max Phase Jitter (12kHz to 20MHz) Less than 1 pSec Tri-State Operation Vih = 70% of Vdd min to Enable Output Vil = 30% max or grounded to Disable Output (High Impedance) * Inclusive of Temp., Load, Voltage and Aging +2.5VDC 1.25VDC ±1.00VDC 1.25VDC ±1.00VDC N/A +3.3VDC 1.65VDC ±1.50VDC 1.65VDC ±1.50VDC N/A Control Voltage (Vc) +5.0VDC N/A N/A 2.50VDC ±2.00VDC Pullability (See Part Number Guide for Options) Linearity (See Part Number Guide for Options) MECHANICAL DIMENSIONS: EXTERNAL BYPASS CAPACITOR RECOMMENDED RECOMMENDED LAND PATTERN 1.40 [.055] DIMENSIONS IN BRACKETS ARE IN INCHES 5.20 [.205] MAX 7.20 [.283] MAX 2.00 [.079] MAX 4 1.30 [.051] 3 2.54 [.100] 1.80 [.071] 2.00 [.079] 2.54 [.100] 2.40 [.094] 6 5 1 2 2.54 [.100] 2.54 [.100] 4.20 [.165] PIN 3 GROUND COMPLIMENTARY OUTPUT SUPPLY VOLTAGE OUTPUT PIN 6 PIN 5 PIN 4 PIN CONNECTIONS VOLTAGE CONTROL ENABLE/DISABLE PIN 2 PIN 1 PART NUMBER GUIDE: MVI Frequency Output P = PECL L = LVPECL V = LVDS Linearity Blank = ±20% max X = ±5% max Z = ±15% max Y = ±10% max Pullability A = ±200 ppm min C = ±100 ppm min D = ±50 ppm min P = ±25 ppm min Frequency Stability 020 = ±20 ppm 025 = ±25 ppm 050 = ±50 ppm 100 = ±100 ppm Supply Voltage 2 = +2.5 VDC 3 = +3.3 VDC 5 = +5.0 VDC Symmetry * Blank = 40%/60% A = 45%/55% B = 47.5%/52.5% Operating Temperature Blank = 0°C to +70°C 27 = -20°C to +70°C 48 = -40°C to +85°C 55 = -55°C to +125°C *Option B (47.5/52.5%) Available up to 500MHZ only Please Consult with MMD Sales Deparment for any other Parameters or Options MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MVIP032907B |
Podobny numer części - MVIP302548AC |
|
Podobny opis - MVIP302548AC |