| Zakładka z wyszukiwarką danych komponentów |
|
ATmega162-16AI Arkusz danych(PDF) 47 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega162-16AI Arkusz danych(HTML) 47 Page - ATMEL Corporation |
|
47 / 324 page ![]() 47 2513K–AVR–07/09 ATmega162/V System Control and Reset Resetting the AVR During Reset, all I/O Registers are set to their initial values, and the program starts execution from the Reset Vector. The instruction placed at the Reset Vector must be a JMP – Absolute Jump – instruction to the reset handling routine. If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular program code can be placed at these locations. This is also the case if the Reset Vector is in the Application section while the Interrupt Vectors are in the Boot section or vice versa. The circuit diagram in Figure 21 shows the Reset Logic. Table 18 defines the electrical parameters of the reset circuitry. The I/O ports of the AVR are immediately reset to their initial state when a reset source goes active. This does not require any clock source to be running. After all reset sources have gone inactive, a delay counter is invoked, stretching the Internal Reset. This allows the power to reach a stable level before normal operation starts. The Time- out period of the delay counter is defined by the user through the CKSEL Fuses. The different selections for the delay period are presented in “Clock Sources” on page 36. Reset Sources The ATmega162 has five sources of reset: • Power-on Reset. The MCU is reset when the supply voltage is below the Power-on Reset threshold (V POT). • External Reset. The MCU is reset when a low level is present on the RESET pin for longer than the minimum pulse length. • Watchdog Reset. The MCU is reset when the Watchdog Timer period expires and the Watchdog is enabled. • Brown-out Reset. The MCU is reset when the supply voltage V CC is below the Brown-out Reset threshold (V BOT) and the Brown-out Detector is enabled. The device is guaranteed to operate at maximum frequency for the V CC voltage down to VBOT. VBOT must be set to the corresponding minimum voltage of the device (i.e., minimum V BOT for ATmega162V is 1.8V). • JTAG AVR Reset. The MCU is reset as long as there is a logic one in the Reset Register, one of the scan chains of the JTAG system. Refer to the section “IEEE 1149.1 (JTAG) Boundary-scan” on page 204 for details. |