| Zakładka z wyszukiwarką danych komponentów |
|
ICS1893 Arkusz danych(PDF) 75 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 Arkusz danych(HTML) 75 Page - Integrated Circuit Systems |
|
75 / 152 page ![]() Chapter 8 Management Register Set ICS1893 Rev C 6/6/00 June, 2000 75 ICS1893 - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 8.5.2 Manufacturer's Model Number (bits 3.9:4) The model number for the ICS1893 is 4 (decimal). It is stored in bit 3.9:4 as 00100b. 8.5.3 Revision Number (bits 3.3:0) Table 8-10 lists the valid ICS1893 revision numbers, which are 4-bit binary numbers stored in bits 3.3:0. Table 8-10. ICS1893 Revision Number Decimal Bits 3.3:0 Description 0 0001 ICS First Release |