| Zakładka z wyszukiwarką danych komponentów |
|
AT697F Arkusz danych(PDF) 97 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F Arkusz danych(HTML) 97 Page - ATMEL Corporation |
|
97 / 155 page ![]() Table 62. Watchdog Register - WDG Address = 0x8000004C 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 wdc[31:0] r/w 1111 1111 1111 1111 1111 1111 1111 1111 Bit Number Mnemonic Description 31..0 wdc[31:0] Watchdog counter. Fixes the watchdog ’Timeout’. AT697F ADVANCE INFORMATION 97 7703C–AERO–6/09 The ’Timeout’ is the time between the loading (or re-loading) and the watchdog interrupt. ’Reset- Timeout’ is greater than ’Timeout’. Note: A read access gives the decounting value of the watchdog, the reload value itself is not stored in the processor. Table 63. Timer 2 Counter Register - TIMC2 Address = 0x80000050 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 tim2val[31:0] r/w xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx Bit Number Mnemonic Description 31..0 tim2val[31:0] Timer 2 counter value A read access gives the decounting value of the scaler. Table 64. Timer 2 Reload Register - TIMR2 Address = 0x80000054 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 tim2rld[31:0] r/w XXXX XXXX XXXX XXXX XXXX XXXX XXXX XXXX Bit Number Mnemonic Description 31..0 tim2rld[31:0] Timer 2 reload value A write access programs the reload value of Timer 1 counter. |