| Zakładka z wyszukiwarką danych komponentów |
|
AT697F Arkusz danych(PDF) 105 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F Arkusz danych(HTML) 105 Page - ATMEL Corporation |
|
105 / 155 page ![]() Bit Number Mnemonic Description 5 ip Second interrupt pending If set, then irl[4:0] is valid. If cleared, no unmasked interrupt is pending. 4..0 irl[4..0] Second request level Indicates the highest unmasked pending interrupt. Table 83. Secondary Interrupt Clear Register - SITC Address = 0x800000BC 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 siclear[31:0] r/w xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx Bit Number Mnemonic Description 31..0 siclear[31:0] Second interrupt clear if written with a ‘1’, will clear the corresponding bit(s) in the interrupt pending register. AT697F ADVANCE INFORMATION 105 7703C–AERO–6/09 |