| Zakładka z wyszukiwarką danych komponentów |
|
ATtiny43U Arkusz danych(PDF) 153 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny43U Arkusz danych(HTML) 153 Page - ATMEL Corporation |
|
153 / 182 page ![]() 153 8048B–AVR–03/09 8. Power-off sequence (if needed): Set RESET to “1”. Turn V CC power off. 19.7.2 Serial Programming Instruction set Table 19-16 on page 153 and Figure 19-8 on page 154 describes the Instruction set. Table 19-15. Minimum Wait Delay Before Writing the Next Flash or EEPROM Location Symbol Minimum Wait Delay tWD_FLASH 4.5 ms tWD_EEPROM 4.0 ms t WD_ERASE 4.0 ms tWD_FUSE 4.5 ms Table 19-16. Serial Programming Instruction Set Instruction/Operation(1) Instruction Format Byte 1 Byte 2 Byte 3 Byte4 Programming Enable $AC $53 $00 $00 Chip Erase (Program Memory/EEPROM) $AC $80 $00 $00 Poll RDY/BSY $F0 $00 $00 data byte out Load Instructions Load Extended Address byte $4D $00 Extended adr $00 Load Program Memory Page, High byte $48 adr MSB adr LSB high data byte in Load Program Memory Page, Low byte $40 adr MSB adr LSB low data byte in Load EEPROM Memory Page (page access) $C1 $00 adr LSB data byte in Read Instructions Read Program Memory, High byte $28 adr MSB adr LSB high data byte out Read Program Memory, Low byte $20 adr MSB adr LSB low data byte out Read EEPROM Memory $A0 $00 adr LSB data byte out Read Lock bits $58 $00 $00 data byte out Read Signature Byte $30 $00 adr LSB data byte out Read Fuse bits $50 $00 $00 data byte out Read Fuse High bits $58 $08 $00 data byte out Read Extended Fuse Bits $50 $08 $00 data byte out Read Calibration Byte $38 $00 $00 data byte out Write Instructions Write Program Memory Page $4C adr MSB adr LSB $00 Write EEPROM Memory $C0 $00 adr LSB data byte in Write EEPROM Memory Page (page access) $C2 $00 adr LSB $00 Write Lock bits $AC $E0 $00 data byte in |