| Zakładka z wyszukiwarką danych komponentów |
|
ATtiny43U Arkusz danych(PDF) 154 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny43U Arkusz danych(HTML) 154 Page - ATMEL Corporation |
|
154 / 182 page ![]() 154 8048B–AVR–03/09 ATtiny43U Notes: 1. Not all instructions are applicable for all parts. 2. a = address 3. Bits are programmed ‘0’, unprogrammed ‘1’. 4. To ensure future compatibility, unused Fuses and Lock bits should be unprogrammed (‘1’) . 5. Refer to the correspondig section for Fuse and Lock bits, Calibration and Signature bytes and Page size. 6. See htt://www.atmel.com/avr for Application Notes regarding programming and programmers. If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until this bit returns ‘0’ before the next instruction is carried out. Within the same page, the low data byte must be loaded prior to the high data byte. After data is loaded to the page buffer, program the EEPROM page, see Figure 19-8 on page 154. Figure 19-8. Serial Programming Instruction example Write Fuse bits $AC $A0 $00 data byte in Write Fuse High bits $AC $A8 $00 data byte in Write Extended Fuse Bits $AC $A4 $00 data byte in Table 19-16. Serial Programming Instruction Set (Continued) Instruction/Operation(1) Instruction Format Byte 1 Byte 2 Byte 3 Byte4 Byte 1 Byte 2 Byte 3 Byte 4 Adr LSB Bit 15 B 0 Serial Programming Instruction Program Memory/ EEPROM Memory Page 0 Page 1 Page 2 Page N-1 Page Buffer Write Program Memory Page/ Write EEPROM Memory Page Load Program Memory Page (High/Low Byte)/ Load EEPROM Memory Page (page access) Byte 1 Byte 2 Byte 3 Byte 4 Bit 15 B 0 Adr MSB Page Offset Page Number Adr dr M r MS SB A A Adr dr LS LSB SB |