| Zakładka z wyszukiwarką danych komponentów |
|
ATtiny261A Arkusz danych(PDF) 91 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny261A Arkusz danych(HTML) 91 Page - ATMEL Corporation |
|
91 / 292 page ![]() 91 8197A–AVR–10/09 ATtiny261A/461A/861A 12.3.1.1 Prescaler Reset Setting the PSR1 bit in TCCR1B register resets the prescaler. It is possible to use the Prescaler Reset for synchronizing the Timer/Counter to program execution. 12.3.1.2 Prescaler Initialization for Asynchronous Mode To change Timer/Counter1 to the asynchronous mode follow the procedure below: 1. Enable PLL. 2. Wait 100 µs for PLL to stabilize. 3. Poll the PLOCK bit until it is set. 4. Set the PCKE bit in the PLLCSR register which enables the asynchronous mode. 12.4 Counter Unit The main part of the Timer/Counter1 is the programmable bi-directional counter unit. Figure 12- 4 shows a block diagram of the counter and its surroundings. Figure 12-4. Counter Unit Block Diagram Signal description (internal signals): count TCNT1 increment or decrement enable. direction Select between increment and decrement. clear Clear TCNT1 (set all bits to zero). clkTn Timer/Counter clock, referred to as clkT1 in the following. top Signalize that TCNT1 has reached maximum value. bottom Signalize that TCNT1 has reached minimum value (zero). Depending on the mode of operation used, the counter is cleared, incremented, or decremented at each timer clock (clkT1). The timer clock is generated from an synchronous system clock or an asynchronous PLL clock using the Clock Select bits (CS13:0) and the PCK Enable bit (PCKE). When no clock source is selected (CS13:0 = 0) the timer is stopped. However, the TCNT1 value can be accessed by the CPU, regardless of whether clkT1 is present or not. A CPU write over- rides (has priority over) all counter clear or count operations. The counting sequence of the Timer/Counter1 is determined by bits WGM11:10, PWM1A and PWM1B, located in the Timer/Counter1 Control Registers (TCCR1A, TCCR1C and TCCR1D). For more details about advanced counting sequences and waveform generation, see “Modes of Operation” on page 97. The Timer/Counter Overflow Flag (TOV1) is set according to the mode of operation and can be used for generating a CPU interrupt. DATA BUS TCNT1 Control Logic count TOV1 top Timer/Counter1 Count Enable ( From Prescaler ) bottom direction clear PCK CK PCKE clk T1 |