| Zakładka z wyszukiwarką danych komponentów |
|
MAXQ3180-RAN+ Arkusz danych(PDF) 85 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Arkusz danych(HTML) 85 Page - Maxim Integrated Products |
|
85 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE ______________________________________________________________________________________ 85 Timeouts Zero-Crossing Timeout (NZX_TIMO) (0x054) This register specifies the time in ADC sample periods (default 40μs) that must elapse following a zero-crossing event before the MAXQ3180 declares a “no-zero crossing” fault. When this fault is declared, the NOZXF bit in the X.FLAGS register is set. Communications Timeout (COM_TIMO) (0x056) This register specifies the duration of SPI timeout in ADC frames (default 320μs). Energy Accumulation Timeout (ACC_TIMO) (0x058) This register specifies the time in DSP cycles that the MAXQ3180 waits before accumulating energy. If this register is nonzero, it is decremented on each DSP cycle. If the result of the decrement is nonzero, the results of the DSP cycle are discarded and are not accumulated to the energy registers. This register is useful for delaying the initiation of energy accumulation on startup or after some hardware function has been modified. Bit: 15 14 13 12 11 10 9 8 Name: Zero-Crossing Timeout High Byte Reset: 0x23 Bit: 7 6 5 4 3 2 1 0 Name: Zero-Crossing Timeout Low Byte Reset: 0x28 Bit: 15 14 13 12 11 10 9 8 Name: Communications Timeout High Byte Reset: 0x03 Bit: 7 6 5 4 3 2 1 0 Name: Communications Timeout Low Byte Reset: 0xE8 Bit: 15 14 13 12 11 10 9 8 Name: Energy Accumulation Timeout High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Energy Accumulation Timeout Low Byte Reset: 0x05 |