Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0804LCJ Arkusz danych(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC0804LCJ
Szczegółowy opis  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804LCJ Arkusz danych(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC0804LCJ Datasheet HTML 3Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 4Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 5Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 6Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 7Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 8Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 9Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 10Page - National Semiconductor (TI) ADC0804LCJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Timing Diagrams (All timing is measured from the 50% voltage points) (Continued)
Typical Applications
Output Enable and Reset with INTR
DS005671-52
Note: Read strobe must occur 8 clock periods (8/fCLK) after assertion of interrupt to guarantee reset of INTR .
6800 Interface
DS005671-53
Ratiometeric with Full-Scale Adjust
DS005671-54
Note: before using caps at VIN or VREF/2,
see section 2.3.2 Input Bypass Capacitors.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41