| Zakładka z wyszukiwarką danych komponentów |
|
STM32TS60 Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32TS60 Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 18 page ![]() Ballout and pin description STM32TS60 8/18 Doc ID 16925 Rev 1 C3 O COL57 Touchpanel column 57 C4 O COL59 Touchpanel column 59 C5 IO ROW13 Touchpanel row 13 C6 I OSC_IN/COL77 Crystal/resonator oscillator input Touchpanel column 77 C7 IO FT NCHG Touchpanel change output (active low) C8 OD I2C2_SDA(3) I2C2 data to Haptic system C9 IO USBDP USB data+ for host controller communication C10 IO COL16/ROW64 Touchpanel column 16 Touchpanel row 64 C11 IO COL11/ROW59 Touchpanel column 11 Touchpanel row 59 C12 IO COL9/ROW57 Touchpanel column 9 Touchpanel row 57 D1 O COL50 Touchpanel column 50 D2 O COL51 Touchpanel column 51 D3 O COL58 Touchpanel column 58 D4 O COL60 Touchpanel column 60 D5 IO COL71 Touchpanel column 71 D6 I/I SPI1_SI/UART_RX SPI1 slave in for host controller communication. UART data receive for host controller communication. D7 I/OD FT SPI1_SCK/I2C1_SCL SPI1 clock input for host controller communication. I2C1 clock input for host controller communication. D8 O/OD/O FT SPI1_SO/I2C1_SDA/UART_TX SPI1 slave out for host controller communication. I2C1 data for host controller communication. UART data transmit to host controller. D9 IO COL73 Touchpanel column 73 D10 IO COL7/ROW55 Touchpanel column 7 Touchpanel row 55 D11 IO COL1/ROW49 Touchpanel column 1 Touchpanel row 49 D12 IO COL5/ROW53 Touchpanel column 5 Touchpanel row 53 E1 IO ROW33 Touchpanel row 33 Table 2. STM32TS60 pin definitions (continued) Pin no. Pin type(1) Pin level(2) PIn name Pin function |