| Zakładka z wyszukiwarką danych komponentów |
|
HT83F60P Arkusz danych(PDF) 44 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F60P Arkusz danych(HTML) 44 Page - Holtek Semiconductor Inc |
|
44 / 61 page ![]() HT83FXX Rev. 1.00 44 May 12, 2009 Configuration Options Configuration options refer to certain options within the MCU that are programmed into the device during the program- ming process. During the development process, these options are selected using the HT-IDE software development tools. As these options are programmed into the device using the hardware programming tools, once they are selected they cannot be changed later by the application software. No. Options I/O Options 1 PA0~PA7: wake-up enable or disable 2 PA0~PA7: pull-high enable or disable 3 PB0~PB3: pull-high enable or disable Oscillator Options 4 OSC type selection: RC or crystal Watchdog Options 5 WDT: enable or disable 6 WDT clock source: WDROSC or T1 PB I/O Port Output Voltage Options 7 VDD_PBIO/VDD type selection: VDD_PBIO or VDD for Port B, SPI, I 2C I/O per bit LVD Options 8 LVD function: enable or disable SIM Options 9 SIM Function: enable or disable 10 SPI S/W CSEN: enable or disable 11 SPI S/W WCOL: enable or disable I 2C Options 12 I 2C RNIC: enable or disable 13 I 2C debounce time: 0/1/2 system clocks |