Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N4374B Arkusz danych(PDF) 3 Page - Agilent(Hewlett-Packard)

Numer części N4374B
Szczegółowy opis  4.5 GHz Single-Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4374B Arkusz danych(HTML) 3 Page - Agilent(Hewlett-Packard)

  N4374B Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Agilent N4374B Applications
In photonic CATV or RoF transmission systems, it is neces-
sary to design and qualify subcomponents like direct modu-
lated lasers and receivers, which are analog by nature, with
different parameters. Those parameters are core to the over-
all system performance.
These electro-optical components significantly influence the
overall performance of the transmission system via the fol-
lowing parameters:
3dB bandwidth of the electro-optical transmission
Relative frequency response, quantifying the electro-
optical shape of the conversion.
Absolute frequency response, relating to the conver-
sion efficiency of signals from the input to the output,
or indicating the gain of a receiver.
Electrical reflection at the RF port
Group delay of the electro-optical transfer function
Only a careful design of these electro-optical components
over a wide modulation signal bandwidth guarantees suc-
cessful operation in the transmission system.
Electro-optical components
The frequency response of amplified or unamplified detector
diodes, modulators and directly modulated lasers typically
depends on various parameters, like bias voltages, optical
input power, operating current and ambient temperature. To
determine the optimum operating point of these devices, an
LCA helps by making a fast characterization of the electro-
optic transfer function while optimizing these operating
conditions. In parallel the LCA also measures the electrical
return loss.
In manufacturing it is important to be able to monitor the
processes regularly to keep up the throughput and yield. In
this case the LCA is the tool of choice to monitor transmis-
sion characteristics and absolute responsivity of the manu-
factured device. The remote control of the N4374B offers an-
other tool to improve the productivity by making automated
measurements and analysis of the measured data.
Electrical components
Electrical components such as amplifiers, filters and trans-
mission lines are used in modern transmission systems and
require characterization to ensure optimal performance.
Typical measurements are bandwidth, insertion loss or gain,
impedance match and group delay. The new switched archi-
tecture offers direct access to the electrical outputs and in-
puts of the network-analyzers just by selecting electrical- to
electrical measurement mode in the LCA user interface.
Agilent N4374B Features
Turnkey solution
In today’s highly competitive environment, short time-to-
market with high quality is essential for new products. In-
stead of developing a home-grown measurement solution
which takes a lot of time and is limited in transferability and
support, a fully specified and supported solution helps to fo-
cus resources on faster development and on optimizing the
manufacturing process.
In the N4374B all optical and electrical components are
carefully selected and matched to each other to minimize
noise and ripple in the measurement traces. Together with
the temperature stabilized environment of the core com-
ponents, this improves the repeatability and the accuracy
of the overall system. Extended factory calibration data at
various optical power levels ensures accurate and reliable
measurements that can only be achieved with an integrated
solution like the N4374B.
Easy calibration
An LCA essentially measures the conversion relation be-
tween optical and electrical signals. This is why user cali-
bration of such systems can evolve into a time consuming
task. With the new calibration process implemented in the
N4374B, the tasks that have to be done by the user are re-
duced to one pure electrical calibration. The calibration with
an electrical calibration module is automated and needs
only minimal manual interaction. With the minimum loss
pad (MLP) which is part of the LCA shipment the impedance
match from 50 Ohm LCA system to 75 Ohm test device can
be realized in an easy way. The correction for the 75 Ohm
impedance is enabled with one button in the LCA software
which uses default data to correct the MLP transfer behav-
ior. For higher accuracy an individual calibration of the MLP
can be realized with the adaptor removal tool which is part
of each ENA-C
Built-in performance verification
Sometimes it is necessary to make a quick verification of the
validity of the calibration and the performance of the system.
The N4374B’s unique calibration process allows the user to
perform a self-test without external reference devices. This
gives full confidence that the system performance is within
the user’s required uncertainty bands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com