| Zakładka z wyszukiwarką danych komponentów |
|
ACE24C02TM+TH Arkusz danych(PDF) 8 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE24C02TM+TH Arkusz danych(HTML) 8 Page - ACE Technology Co., LTD. |
|
8 / 17 page ![]() ACE24(L)C02/04/08/16 Technology Two-wire Serial EEPROM VER 1.3 8 Device Operation Clock and Data Transitions: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (refer to Figure 4). Data changes during SCL high periods will indicate a start or stop condition as defined below. Start Condition: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (refer to Figure 5). Stop Condition: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (refer to Figure 5). All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word. The happens during the ninth clock cycle. Following receipt each word from the EEPROM, the microcontroller should send a zero to EEPROM and continue to output the next data word or send a stop condition to finish the read cycle. Standby Mode : The ACE24(L)C02/04/08/16 features a low-power standby mode which is enabled: (a) upon power-up and (b) after the receipt of the stop bit and the completion of any internal operations. Device Reset : After an interruption in protocol power loss or system reset, any two-wire part can be protocol reset by following these steps: 1. Clock up to 9 cycles. 2. Look for SDA high in each cycle while SCL is high and then. 3. Create a start condition. Bus Timing Figure 2.SCL: Serial Clock, SDA: Serial Data I/O |