| Zakładka z wyszukiwarką danych komponentów |
|
SPVC110300 Arkusz danych(PDF) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
SPVC110300 Arkusz danych(HTML) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
2 / 2 page ![]() Power 26 Detector Push Slide Rotary Encoders Dual-in-line Package Type TACT SwitchTM Custom- Products List of Varieties (General-purpose Type) Rating (min.) (Resistive load) 1mA 5V DC 2 Ω max. 5N 1N for 1 minute 0.35N max. SPVL 60 0.55N max. SPVP 49 0.85N max. SPVC1 50 1 53 SPVN 51 0.35N max. SPVS 55 0.4N max. SPVG Cold Dry heat Damp heat Operating temperature range Rating (max.) (Resistive load) Initial contact resistance Insulation resistance Voltage proof Terminal strength Actuator strength Series Photo Operation type Dimensions (mm) Soldering Page Number of poles W Operation force D H Manual soldering Dip soldering Reflow soldering General-purpose Type 0.35N max. SSCM 48 0.7N max. 46 SSCF 10mA 16V DC ー40℃ to +85℃ 1 Ω max. 3N for 1 minute 0.5N for 1 minute 10N 5N 10N 260 ±5℃, 3s max. ― 100M Ω min. 100V DC 100V AC for 1 minute ― Please see P.79 350 ±5℃, 3s max. 5 Ω max. 500m Ω max. 1mA 5V DC 5N 50mA 20V DC 2 Ω max. 350 ±10℃, 3s +1 0 1mA 5V DC 0.5N 0.5N for 1 minute ー10℃ to +60℃ ー40℃ to +85℃ 0.1A 12V DC 85 ±2℃ for 96h 40 ±2℃, 90 to 95%RH for 96h ー20±2℃ for 96h 5N for 1 minute 10N 100m Ω max. 2 Ω max. 5 4 1.5 3.5 5.65 1.2 6.3 7.4 2.8 3.8 3.6 1 3.5 3.3 5.5 6.5 2 11 5.8 12.4 Please see P.79 350 ±10℃, 3s +1 0 350 ±5℃, 3s max. ― 260 ±5℃, 5 ±1s ― 50 BA 3V DC 100 BA 3V DC 100 BA 3V DC 50 BA 3V DC Operating life without Load Operating life with Load 50,000cycles 200mΩ max. 50,000cycles 5Ω max. 50,000cycles 10Ω max. 25,000cycles 2Ω max. 50,000cycles 5Ω max. 100,000cycles 1Ω max. (0.1A12VDC) 50,000cycles300mΩ max. (1mA 5V DC) 50,000cycles 5Ω max. (1mA5VDC) 50,000cycles10Ω max. (10mA 16V DC) 25,000cycles 2Ω max. (1mA 5V DC) 50,000cycles 5Ω max. (50mA 20V DC) 100,000cycles 1Ω max. ー40±2℃ for 96h 5.55 6.6 1 50 BA 3V DC 50,000cycles 5Ω max. (1mA 5V DC) 50,000cycles 5Ω max. ー20±2℃ for 96h ● Detector Switches Soldering Conditions ……………………………………………………………………………………79 ● Detector Switches Cautions ……………………………………………………………………………………………………80 Detector Switches |