| Zakładka z wyszukiwarką danych komponentów |
|
AS1104 Arkusz danych(PDF) 10 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1104 Arkusz danych(HTML) 10 Page - ams AG |
|
10 / 13 page ![]() www.austriamicrosystems.com Revision 1.5 10 - 13 AS1101/AS1102/AS1103/AS1104 Data Sheet - Pa ckage Drawings and Mark ings 9 Package Drawings and Markings Figure 20. SC70-6 Package Notes: 1. All dimensions are in millimeters. 2. Dimensions are inclusive of plating. 3. Dimensions are exclusive of mold flash and metal burrs. 4. All specifications comply with JEITA SC88 and JEDEC-MO-203. Symbol Min Max e 0.65 BSC D 1.80 2.20 b 0.15 0.30 E 1.15 1.35 HE 1.80 2.40 Q1 0.10 0.40 A2 0.80 1.00 A1 0.00 0.10 A 0.80 1.10 c 0.10 0.18 L 0.10 0.30 Lj 0.26 0.46 |