Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS1501 Arkusz danych(PDF) 12 Page - ams AG

Numer części AS1501
Szczegółowy opis  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS1501 Arkusz danych(HTML) 12 Page - ams AG

Back Button AS1501 Datasheet HTML 6Page - ams AG AS1501 Datasheet HTML 7Page - ams AG AS1501 Datasheet HTML 8Page - ams AG AS1501 Datasheet HTML 9Page - ams AG AS1501 Datasheet HTML 10Page - ams AG AS1501 Datasheet HTML 11Page - ams AG AS1501 Datasheet HTML 12Page - ams AG AS1501 Datasheet HTML 13Page - ams AG AS1501 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
12 - 14
AS1500
Data Sheet - Pa ckage Drawings and Mark ings
8 Package Drawings and Markings
Figure 7. 8-pin SOIC Package
Symbol
Min
Max
A1
0.10
0.25
B
0.36
0.46
C
0.19
0.25
D
4.80
4.98
E
3.81
3.99
e1.27BSC
H
5.80
6.20
h
0.25
0.50
L
.041
1.27
A
1.52
1.72
0º
8º
ZD
0.53REF
A2
1.37
1.57
Notes:
1. Lead coplanarity should be 0 to 0.10mm (.004”) max.
2. Package surface finishing:
(2.1) Top: matte (charmilles #18-30).
(2.2) All sides: matte (charmilles #18-30).
(2.3) Bottom: smooth or matte (charmilles #18-30).
3. All dimensions exclusive of mold flash, and end flash from the pack-
age body shall not exceed 0.24mm (0.10”) per side (D).
4. Details of pin #1 identifier are optional but must be located within
the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14