Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS1502 Arkusz danych(PDF) 3 Page - ams AG

Numer części AS1502
Szczegółowy opis  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS1502 Arkusz danych(HTML) 3 Page - ams AG

  AS1502 Datasheet HTML 1Page - ams AG AS1502 Datasheet HTML 2Page - ams AG AS1502 Datasheet HTML 3Page - ams AG AS1502 Datasheet HTML 4Page - ams AG AS1502 Datasheet HTML 5Page - ams AG AS1502 Datasheet HTML 6Page - ams AG AS1502 Datasheet HTML 7Page - ams AG AS1502 Datasheet HTML 8Page - ams AG AS1502 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
3 - 14
AS1500
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
(TA = 25º C, unless otherwise noted)
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
VCC to GND
-0.3
+7
V
VA, VB, VW to GND
0
VCC
V
AX – BX, AX – WX, BX – WX
±20
mA
Digital Input and Output Voltage to GND
0
+7
V
Operating Temperature Range
-40
+125
ºC
Maximum Junction Temperature (TJ
max)
+150
ºC
Storage Temperature
-65
+150
ºC
Package body temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-
020C “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid
State Surface Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).
Package Power Dissipation
(TJ max - TA) /
θJA
ESD
1
kV
HBM MIL-Std883E 3015.7methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14