Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS1543 Arkusz danych(PDF) 28 Page - ams AG

Numer części AS1543
Szczegółowy opis  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Arkusz danych(HTML) 28 Page - ams AG

Back Button AS1543 Datasheet HTML 21Page - ams AG AS1543 Datasheet HTML 22Page - ams AG AS1543 Datasheet HTML 23Page - ams AG AS1543 Datasheet HTML 24Page - ams AG AS1543 Datasheet HTML 25Page - ams AG AS1543 Datasheet HTML 26Page - ams AG AS1543 Datasheet HTML 27Page - ams AG AS1543 Datasheet HTML 28Page - ams AG AS1543 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
28 - 29
AS1543/44
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products shown in Table 14.
Table 14. Ordering Information
Model
Marking
Description
Delivery Form
Package
AS1543-BTST
AS1543
8-Channel, 1 Msps, 12-Bit ADC with Sequencer
Tape and Reel
TQFN(4x4)-20
AS1544-BTST
AS1544
4-Channel, 1 Msps, 12-Bit ADC with Sequencer
Tape and Reel
TQFN(4x4)-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29