Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS5130 Arkusz danych(PDF) 15 Page - ams AG

Numer części AS5130
Szczegółowy opis  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Arkusz danych(HTML) 15 Page - ams AG

Back Button AS5130_09 Datasheet HTML 11Page - ams AG AS5130_09 Datasheet HTML 12Page - ams AG AS5130_09 Datasheet HTML 13Page - ams AG AS5130_09 Datasheet HTML 14Page - ams AG AS5130_09 Datasheet HTML 15Page - ams AG AS5130_09 Datasheet HTML 16Page - ams AG AS5130_09 Datasheet HTML 17Page - ams AG AS5130_09 Datasheet HTML 18Page - ams AG AS5130_09 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
15 - 40
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 9. Sine and Cosine Outputs for External Angle Calculation
Serial Synchronous Interface (SSI)
Commands of the SSI in Normal Mode
WD2COS / WD2SIN: xen_X disables Hall element X from the sensor array in the cosine or sine channel; xinv_X
inverts the voltage output of Hall element X in the channels.
Table 8. SSI in Normal Mode
#
cmd
bin
mode
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23
WRITE
CUST
10111
write
wlsb_
6
wlsb_
5
wlsb
_4
wlsb
_3
wlsb
_2
wlsb
_1
wlsb
_0
gain
_2
gain
_1
gain
_0
nc
nc
nc
nc
nc
nc
22
WD2COS
10110
write
xen_
7
inv_7 xen_
6
inv_
6
xen_
5
inv_
5
xen_
4
inv_
4
xen_
3
inv_
3
xen_
2
inv_
2
xen_
1
inv_
1
xen_
0
inv_
0
21
SET TEST
CFG1
10101
write
gen_
rst
20
reserved
10100
write
19
HYST_RST
10011
write
rst_ot
p
nc
rst_
multi
nc
setH
yst
18
WD2SIN
10010
write
xen_
7
inv_7 xen_
6
inv_
6
xen_
5
inv_
5
xen_
4
inv_
4
xen_
3
inv_
3
xen_
2
inv_
2
xen_
1
inv_
1
xen_
0
inv_
0
17
WRITE
CONFIG
10001
write
go2sl
eep
16
--
10000
write
7
READ CUST
00111
read
wlsb_
6
wlsb_
5
wlsb
_4
wlsb
_3
wlsb
_2
wlsb
_1
wlsb
_0
gain
_2
gain
_1
gain
_0
nc
nc
nc
nc
nc
parit
y
6
RD2COS
00110
read
xen_
7
inv_7 xen_
6
inv_
6
xen_
5
inv_
5
xen_
4
inv_
4
xen_
3
inv_
3
xen_
2
inv_
2
xen_
1
inv_
1
xen_
0
inv_
0
5
00101
read
4
RD_BOTH
00100
read
Multiturn <7:0>
angle <7:0>
3
STORE REF
00011
read
store
_ok
vdd_
ok
reg_
set
nc
nc
nc
nc
angle_stored <7:0>
parit
y
2
RD2SIN
00010
read
xen_
7
inv_7 xen_
6
inv_
6
xen_
5
inv_
5
xen_
4
inv_
4
xen_
3
inv_
3
xen_
2
inv_
2
xen_
1
inv_
1
xen_
0
inv_
0
1
RD_MULTI
00001
read
lock
agc <5:0>
Multiturn <7:0>
parit
y
0
RD_ANGLE
00000
read
lock
agc <5:0>
angle <7:0>
parit
y
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
VDD
SINN
VDD
SINP
COSN
COSP
VSS
AS5130
D
DA
A
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com