| Zakładka z wyszukiwarką danych komponentów |
|
AS8218 Arkusz danych(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8218 Arkusz danych(HTML) 30 Page - ams AG |
|
30 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 30 of 123 If the target meter constant is different from one of the selectable (mconst) meter constants defined above: e.g. 1,000i/kWh (Target Pulse Rate) The same formula ) mconst ( Rate Pulse LED ) ref ( PR Ni = can be used, but Ni is calculated using the Target Pulse Rate: Rate Pulse et arg T ) ref ( PR Ni = (Important: Select a pulse rate which is close to mconst, for the Target Pulse Rate, so that the Pulse_lev stays within reasonable limits.) After this calibration the energy equivalent of 1 fast pulse (1i) is different! Standard: internal pulse rate: 204,800i/klWh [] Ws 58 . 17 800 , 204 Ws 600 , 3 000 , 1 i 1 = × = ⇒ When a special pulse rate is required, the following formula applies: [] Ws e etPulseRat arg T PulseRate LED 800 , 204 600 , 3 000 , 1 i 1 × × = ⇒ Example: Assuming a pulse rate of 1,000 is required: 1,600 → 204,800 1,000 → 204,800 x 1,000/1,600 [ ] Ws 13 . 28 600 , 1 / 000 , 1 800 , 204 Ws 600 , 3 000 , 1 i 1 = × × = ⇒ Mains Current Leads/Lags Mains Voltage The i_lead flag in the SREG/Status register determines if the mains current leads the mains voltage or lags the mains voltage. The data is provided for reactive power calculation, to establish if the measured power is capacitive or inductive. |