| Zakładka z wyszukiwarką danych komponentów |
|
ADRF6655ACPZ-R7 Arkusz danych(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADRF6655ACPZ-R7 Arkusz danych(HTML) 27 Page - Analog Devices |
|
27 / 44 page ![]() ADRF6655 Rev. 0 | Page 27 of 44 REGISTER 1—MODULUS DIVIDE CONTROL With R1[2:0] set to 001, the on-chip modulus divide control register is programmed as shown in Figure 71. The MOD value is the preset fractional modulus ranging from 1 to 2047. REGISTER 2—FRACTIONAL DIVIDE CONTROL With R2[2:0] set to 010, the on-chip fractional divide control register is programmed as shown in Figure 72. The FRAC value is the preset fractional modulus ranging from 0 to MOD − 1. MODULUS DIVIDE RATIO DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 0 0 0 0 0 0 0 MD10 MD9 MD8 MD7 MD6 MD5 MD4 MD3 MD2 MD1 MD0 C3(0) C2(0) C1(1) MD10 MD9 MD8 MD7 MD6 MD5 MD4 MD3 MD2 MD1 MD0 0 000 0000001 0 000 0000010 ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... 0 000 1100000 ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... 1 111 1111111 MODULUS VALUE ... ... 2047 CONTROL BITS 1 1536 2 ... ... RESERVED Figure 71. Modulus Divide Control Register (R1) FD10 FD9FD8FD7FD6FD5FD4FD3FD2FD1 FD0 0 000000000 0 0 000000000 1 ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... 0 110000000 0 ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... ... FRACTIONAL VALUE MUST BE LESS THAN MODULUS FRACTIONAL VALUE 0 1 ... ... 768 ... ... <MDR FRACTIONAL DIVIDE VALUE RESERVED DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 CONTROL BITS 00 00000000 FD10 FD9 FD8 FD7 FD6 FD5 FD4 FD3 FD2 FD1 FD0 C3(0) C2(1) C1(0) Figure 72. Fractional Divide Control Register (R2) |