Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24LR64-R-DW6T/2 Arkusz danych(PDF) 55 Page - STMicroelectronics

Numer części M24LR64-R-DW6T/2
Szczegółowy opis  64 Kbit EEPROM with password protection & dual interface: 400kHz I짼C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R-DW6T/2 Arkusz danych(HTML) 55 Page - STMicroelectronics

Back Button M24LR64-R-DW6T/2 Datasheet HTML 51Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 52Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 53Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 54Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 55Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 56Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 57Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 58Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 126 page
background image
M24LR64-R
Application family identifier (AFI)
Doc ID 15170 Rev 8
55/126
14
Application family identifier (AFI)
The AFI (application family identifier) represents the type of application targeted by the VCD
and is used to identify, among all the M24LR64-Rs present, only the M24LR64-Rs that meet
the required application criteria.
Figure 47.
M24LR64-R decision tree for AFI
The AFI is programmed by the M24LR64-R issuer (or purchaser) in the AFI register. Once
programmed and Locked, it can no longer be modified.
The most significant nibble of the AFI is used to code one specific or all application families.
The least significant nibble of the AFI is used to code one specific or all application
subfamilies. Subfamily codes different from 0 are proprietary.
(See ISO 15693-3 documentation)
AI15130
Inventory request
received
No
No answer
Yes
No
AFI value
= 0 ?
Yes
No
AFI flag
set ?
Yes
Answer given by the M24RF64
to the Inventory request
AFI value
= Internal
value ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More