| Zakładka z wyszukiwarką danych komponentów |
|
BVM-SL3W2S Arkusz danych(PDF) 1 Page - Bright View Electronic Co., LTD. |
|
|
|||||||||||||||||||||||||||||
BVM-SL3W2S Arkusz danych(HTML) 1 Page - Bright View Electronic Co., LTD. |
|
1 / 5 page ![]() ■ Benefits - For any sheet of channel letters - Easy and fast installation ■ FEATURES - One unit consists of 10 LED clusters connected with flexible cables - No. of LEDs :30 pcs of ultra bright SMD LEDs - Drive: 12VDC - Product Size (LxWxH) : 1640mm x 14mm x 8.4 mm - Mounting hole (2mm) allows easy installation with screws - Daisy chain connection up to 5 units - Conformal coating protects against condensation water ■ APPLICATIONS - Illuminated signs - Channel Letters - Reverse halo - Cove lighting - Canopy lighting Bright View Electronics FLEX STRIP LIGHT BVM-SL3 Series Date :2008/7/4 Page 1 of 5 PRELIMINARY |
Podobny numer części - BVM-SL3W2S |
|
Podobny opis - BVM-SL3W2S |