| Zakładka z wyszukiwarką danych komponentów |
|
VT98521/D Arkusz danych(PDF) 4 Page - Vaishali Semiconductor |
|
|
|||||||||||||||||||||||||||||
VT98521/D Arkusz danych(HTML) 4 Page - Vaishali Semiconductor |
|
4 / 5 page ![]() VT98521 2002-02-25 Page 4 MDST-0017-02 www.vaishali.com Vaishali Semiconductor 747 Camden Avenue, Suite C Campbell CA 95008 Ph. 408.377.6060 Fax 408.377.6063 AC Characteristics Table 6 AC Characteristics VDD = 3V to 3.6V over the operating temperature range Symbol Parameter Condition Min Typ Max Units fosc Input Crystal Frequency 5 27 MHz fin Input clock frequency 5 50 MHz fout Output Frequency, 24 220 MHz tr Output Clock Rise Time 0.8 to 2.0V 1 ns tf Output Clock Fall Time 2.0 to 0.8V 1 ns up to 160 MHz 45 49 to 51 55 % tod Output Clock Duty Cycle 1.5 V 160 MHz to 220 MHz 40 60 % PLL Bandwidth 10 kHz TPZH, TPZL Output Enable Time, OE high to output on 50 ns TPHZ, TPLZ Output Disable time, OE low to Tri-state 50 ns tjit (abs) Absolute Clock period Jitter Deviation from mean fout = 160 MHz 70 ps tjit (sigma) One Sigma Clock Period Jitter fout = 160 MHz 25 ps Note1: External Crystal Connection . The external crystal should be connected in as close physical proximity to the VT98521 as possible. The crystal should be a fundamental mode, parallel resonant. Do not use third overtone. External load capacitors should be fitted in accordance with the crystal manufacturer’s specifications. Note2: Decoupling and termination . Decoupling capacitors of 0.01 µF and 0.1 µF should be connected between VDD and Ground. Capacitors should be mounted as close to the chip as possible. A 33Ω termination resistor may be connected in series with the clock output in order to minimize ringing and reflections. Figure 3. External Crystal Connection Block Diagram Crystal CLK3 106.25MHz X2 X1 33pF CX1 XTAL OSC PLL CLOCK GEN. OE External Crystal Load Capacitors CLK X2 X1 CX2 CX1 XTAL OSC PLL OE External Crystal Load Capacitors |