Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BVU-3X16WI4 Arkusz danych(PDF) 4 Page - Bright View Electronic Co., LTD.

Numer części BVU-3X16WI4
Szczegółowy opis  ULTRA BRIGHTNESS LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BVLED [Bright View Electronic Co., LTD.]
Strona internetowa  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-3X16WI4 Arkusz danych(HTML) 4 Page - Bright View Electronic Co., LTD.

  BVU-3X16WI4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-3X16WI4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-3X16WI4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-3X16WI4 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVU-3X16WI4 Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Apply to LAMP(DIP) series.
Description:
( 1 ) Manual soldering (Solder Iron)
(1.1) Temperature at tip of the iron: 300°C Max.
(1.2) It's banned to load any stress on the resin during soldering.
(1.3) Soldering time: 3 sec. Max.(one time only)
(1.4) Leave 3mm of minimum distance from the base of epoxy.
( 2 ) Dip Soldering(Wave soldering-Solder Bath)
(2.1) Leave 3mm of minimum distance from the base of the epoxy.
Soldering beyond the base of the tie bar(stand off) is recommended.
(2.2) When soldering, do not put stress on the LEDs during heating.
(2.3) Cutting the leadframes at high temperatures may cause LED failure.
(2.4) Never take next process until the component is cooled down to room temperature
after reflow.
(2.5) After soldering, do not warp the circuit board.
(2.6) The recommended dip soldering profile is the following:
2009/3/17 – C
ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4
300.0
Time ( sec. )
Degree C.
275.0
225.0
250.0
150.0
125.0
175.0
200.0
100.0
75.0
25.0
50.0
0.0
0.0
50.0
150.0
100.0
300.0
250.0
200.0
MAX 260 C ,5 sec.
>20 C
4 C / sec.
150 C



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com