| Zakładka z wyszukiwarką danych komponentów |
|
LX5541 Arkusz danych(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX5541 Arkusz danych(HTML) 2 Page - Microsemi Corporation |
|
2 / 3 page ![]() LX5541 PRODUCTION DATA SHEET Microsemi Analog Mixed Signal Group 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 Page 2 Co-Package 2.3 – 2.5 GHz HBT Power Amp + pHEMT Low Noise Amplifier + SPDT Switch TM ® Copyright 2006 Rev. 1.3, 2008-02-11 P R O D U C T H I G H L I G H T P R O D U C T H I G H L I G H T P R O D U C T H I G H L I G H T P R O D U C T H I G H L I G H T A B S O L U T E M A X I M U M R A T A B S O L U T E M A X I M U M R A T A B S O L U T E M A X I M U M R A T A B S O L U T E M A X I M U M R A T I N G S I N G S I N G S I N G S DC Supply Voltage, RF off (PA) ...................................................................... 5V (LNA) .................................................................. 4V Collector Current (PA) ............................................................................... 500mA Drain current (LNA) ................................................................................. 40mA Total Power Dissipation ....................................................................................2W RF Input Power ........................................................................................ +10 dbm Operation Ambient Temperature................................................... -40°C to +85°C Storage Temperature ................................................................... -65°C to +150°C Peak Package Solder Reflow Temp. (40 second max exposure) -260°C (+0,-5) Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified terminal . x denotes respective pin designator 1, 2, or 3 T H E R M A L D A T A T H E R M A L D A T A T H E R M A L D A T A T H E R M A L D A T A LL Plastic MLPQ 3X3 X1 THERMAL RESISTANCE -JUNCTION TO CASE, θ θ θ θ JC 12.8 C/W THERMAL RESISTANCE -JUNCTION TO AMBIENT, θ θ θ θ JA 53.4 C/W P A C K A G E P I N O U P A C K A G E P I N O U P A C K A G E P I N O U P A C K A G E P I N O U T T T T 4 12 PAIn Vb1 DetO Ctl1 9 Vb2 SwTxI 1 3 11 PAOut 2 10 DetI LQ PACKAGE (Bottom View) RoHS/Pb-free 100% Matte Tin Lead finish P A C K A G E O R D E R I N F O P A C K A G E O R D E R I N F O P A C K A G E O R D E R I N F O P A C K A G E O R D E R I N F O LL Plastic MLPQ 16 pin 3X3 RoHS Compliant /Pb-free LX5541LL Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX5541LL-TR) MSC 5530 608Y MSC 5541 717A |