| Zakładka z wyszukiwarką danych komponentów |
|
MAX708C/D Arkusz danych(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX708C/D Arkusz danych(HTML) 3 Page - Maxim Integrated Products |
|
3 / 12 page ![]() Low-Cost, µP Supervisory Circuits _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = 4.75V to 5.5V for MAX705/MAX707/MAX813L, VCC = 4.5V to 5.5V for MAX706/MAX708, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS 0.8 V 2.0 MR Pull-Up Current MR = 0V 100 250 600 µA MR Pulse Width tMR 150 ns Low High MR Input Threshold MR to Reset Out Delay (Note 2) tMD 250 ns PFI Input Threshold VCC = 5V 1.20 1.25 1.30 V PFI Input Current -25.00 +0.01 +25.00 nA PFO Output Voltage ISOURCE = 800µA VCC - 1.5 V ISINK = 3.2mA 0.4 Note 2: Applies to both RESET in the MAX705–MAX708 and RESET in the MAX707/MAX708/MAX813L. |