Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SRE13UFSMSS Arkusz danych(PDF) 2 Page - Solid States Devices, Inc

Numer części SRE13UFSMSS
Szczegółowy opis  0.75 AMP 1000 - 1500 Volts 50-70 nsec HIGH REVERSE ENERGY ABSORPTION CAPABILITY ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSDI [Solid States Devices, Inc]
Strona internetowa  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRE13UFSMSS Arkusz danych(HTML) 2 Page - Solid States Devices, Inc

  SRE13UFSMSS Datasheet HTML 1Page - Solid States Devices, Inc SRE13UFSMSS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SRE10UF
thru
SRE15UF
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 0.75 Adc, TA = 25ºC, 300 µs pulse)
VF
2.5
Vdc
Instantaneous Forward Voltage Drop
(IF = 3 Adc, TA = -55ºC, 300 µs pulse)
VF
2.7
Vdc
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µs pulse minimum)
IR
10
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µs pulse minimum)
IR
500
μA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
50
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A, TA = 25ºC)
SRE10UF-11UF
SRE12UF-14UF
SRE15UF
trr
50
60
70
nsec
Case Outline: (Axial)
B
ØC
ØA
D
D
DIMENSIONS
DIM
MIN
MAX
A
---
.160”
B
.130”
.190”
C
.027”
.033”
D
1.00”
---
Case Outline: (SMS)
C
B
A
A
D
DIMENSIONS
DIM
MIN
MAX
A
.160”
.180”
B
.180”
.240”
C
.022”
.028”
D
.002”
---
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0121D
DOC



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com