Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC0408A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TC0408A
Szczegółowy opis  SAW Resonator 315 MHz TO-39
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0408A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0408A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0408A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0408A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0408A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Resonator 315 MHz TO-39
TST Parts No.: TC0408A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Paul Ni
Approval by:
Francis Chen
Date:
2007/6/25


Podobny numer części - TC0408A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0402A TAI-SAW-TC0402A Datasheet
263Kb / 6P
SAW Resonator 915.5 MHz SMD 3.8X3.8 mm
TC0403A TAI-SAW-TC0403A Datasheet
264Kb / 6P
SAW Resonator 915.75 MHz SMD 3.8X3.8 mm
TC0404A TAI-SAW-TC0404A Datasheet
262Kb / 6P
SAW Resonator 916 MHz SMD 3.8X3.8 mm
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
SAW Resonator 433.92 MHz TO-39
More results

Podobny opis - TC0408A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
SAW Resonator 315.15 MHz TO-39
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
SAW Resonator 433.92 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
SAW Resonator 433.92 MHz TO-39
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
SAW Resonator 316 MHz TO-39
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC0202A TAI-SAW-TC0202A Datasheet
214Kb / 3P
SAW Resonator 315 MHz
TC0437A TAI-SAW-TC0437A Datasheet
293Kb / 6P
SAW Resonator 315 MHz
TC0274B TAI-SAW-TC0274B Datasheet
340Kb / 5P
SAW Resonator 315 MHz
TC0274E TAI-SAW-TC0274E Datasheet
185Kb / 5P
SAW Resonator 315 MHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com