Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X9511ZP Arkusz danych(PDF) 10 Page - Xicor Inc.

Numer części X9511ZP
Szczegółowy opis  PushPot O Potentiometer (Push Button Controlled)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XICOR [Xicor Inc.]
Strona internetowa  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9511ZP Arkusz danych(HTML) 10 Page - Xicor Inc.

Back Button X9511ZP Datasheet HTML 2Page - Xicor Inc. X9511ZP Datasheet HTML 3Page - Xicor Inc. X9511ZP Datasheet HTML 4Page - Xicor Inc. X9511ZP Datasheet HTML 5Page - Xicor Inc. X9511ZP Datasheet HTML 6Page - Xicor Inc. X9511ZP Datasheet HTML 7Page - Xicor Inc. X9511ZP Datasheet HTML 8Page - Xicor Inc. X9511ZP Datasheet HTML 9Page - Xicor Inc. X9511ZP Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
X9511
10
ORDERING INFORMATION
X9511X
X
X
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
Package
P = 8-Lead Plastic DIP
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc.
makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the
described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the
right to discontinue production and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents,
licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481;
4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967;
4,883, 976. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with
appropriate error detection and correction, redundancy and back-up features to prevent such an occurence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or system, or to affect its safety or effectiveness.
S = 8-Lead SOIC
M = Military = –55
°C to +125°C
End to End Resistance
Z = 1K
Ω
W = 10K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10